Part Number Hot Search : 
S29GL12 AGQ200A 01D100 16160 2SC3869 2SB1645 LU1S041A TA78L05
Product Description
Full Text Search
 

To Download SCD345PH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (45v / 3.0a) SCD345PH absolute maximum ratings (ta = 25 o c) v rrm v i f(av) a i fsm a 8.3ms single half sine-wave item average forward current symbol conditions unit peak forward surge current rating 45 80 3.0 repetitive peak reverse voltage schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 7" (178mm 2mm) reel * 4 reels per box * 6 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.02 gram mechanical data t j, t stg -55 to +150 operating junction and storage temperature range o c electrical characteristics (ta = 25 o c) item symbol conditions min. typ. max. unit v f i f = 3.0a v - 0.43 0.48 forward voltage (note 1) o c/w - 102 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 18 - r th(jc) junction to case (note 2) pf - 120 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.05 0.20 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2013/01 rev. 0 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. uni t : mm outline dimensions marking jedec : sma do-214ac scd 345p . case : 2010 2.20 0.1 0. 5 0 0.95 0.2 0.95 0.2 4.5 0.1 0.96 + 0.2 - 0.1
zowie (45v / 3.0a) SCD345PH 2013/01 rev. 0 fig.1 - forward current derating curve average forward rectified current, amperes 4.0 3.0 2.0 1.0 0 0 25 50 125 175 150 75 100 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, milliamperes 0.01 .001 0 20 0.10 1.0 10 100 t j =100 o c t j =125 o c t j =150 o c t j =25 o c 40 60 80 100 fig.5 - typical junction capacitance t j = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 400 1.0 10 100 100 10 fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes instantaneous forward voltage, volts 0.10 1.00 10.00 0.01 0.2 0.1 0 0.4 0.3 0.6 0.5 t j = 125j t j = 150j t j = 100j t j = 25j fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 10 20 30 50 60 70 40 80 1 10 100


▲Up To Search▲   

 
Price & Availability of SCD345PH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X